Part Number Hot Search : 
LTM4623 88523 MCP2155 RL204 ZPD20 RTL8208 L31Y5R6K 25L64
Product Description
Full Text Search
 

To Download SDS7000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SDS7000F
Switching Diode
Features
* * * * SMD package : SOT-23F Low forward voltage : VF=0.9V(Typ.) Fast reverse recovery time : trr=1.6 (Typ.) Small total capacitance : CT=2.2 (Typ.)
Ordering Information
Type No. SDS7000F Marking C5C Package Code SOT-23F
Outline Dimensions
unit : mm
1 3 2
3
1
2
PIN Connections 1. Anode 2. Cathode 3. Cathode, Anode
KSD-2040-001
1
SDS7000F
Absolute maximum ratings
Characteristic
Peak reverse voltage Reverse voltage Peak forward current Average forward current Peak forward surge current(10ms) Power dissipation Junction temperature Storage temperature range * : Unit ratings. Total rating = Unit rating x1.5
Ta=25C
Symbol
VRM VR IFM IO
* * *
Rating
85 80 300 100 2 150 150 -55 ~ 150
Unit
V V

A
IFSM PD Tj
C C
Tstg
Electrical Characteristics
Characteristic
Forward voltage
Ta=25C
Symbol
VF(1) VF(2) VF(3) IR CT IF=1
Test Condition
IF=10 IF=100 VR=80V VR=0, f=1 IF=10 (Fig. 5)
Min. Typ. Max.
0.6 0.7 0.9 2.2 1.6 1.2 0.5 4.0 4.0
Unit
V
Reverse current Total capacitance Reverse recovery time

trr
KSD-2040-001
2
SDS7000F
Electrical Characteristic Curves
Fig. 1 IF-VF Fig. 2 IR-VR
Fig. 3 CT-VR
Fig. 4 trr-IF

Fig. 5 Reverse recovery time(trr) test circuit
x
KSD-2040-001
3
SDS7000F
These AUK products are intended for usage in general electronic equipments(Office and communication equipment, measuring equipment, domestic electrification, etc.). Please make sure that you consult with us before you use these AUK products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.). AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KSD-2040-001
4


▲Up To Search▲   

 
Price & Availability of SDS7000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X